Part Number Hot Search : 
32584 SMBJ110A EL5196 00ETT BA6196FP 15045 MSM6295 AK7742
Product Description
Full Text Search
 

To Download 2-1415074-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet rev. ij1 issued 2009/10 www.tycoelectronics.com www.schrackrelays.com dimensions are in mm unless otherwise specified and are shown for reference purposes only. product specification according to iec 61810-1. product data, technical para - me ters, test conditions and processing information only to be used together with the 'definitions' section in the cat - alogue or at schrackrelays.com in the ?schrack? section. specifications subject to change. general purpose relays schrack 1 relay package rt n relay package consisting of rt relay, din-rail socket, plastic retaining clip, module and marking tag n 1 co with 16 a or 2 co with 8 a rated load n sensitive dc- or ac coil n reinforced insulation (protection class ii / vde 0700), safe separation to vde 0160 n jumper bars for interconnection n further accessories see accessories rt approvals relay: v reg.-nr. 6106, z e214025 socket: v reg.-nr. 6106, z e135149 technical data of approved types on request contact data 1-pole 2-pole contact configuration 1 co 2 co contact set single contact type of interruption micro disconnection rated voltage / max. switching voltage ac 240 / 400 vac rated current 16 a*) 8 a limiting continuous current 16 a*) 8 a, ul: 10 a maximum breaking capacity ac 4000 va 2000 va limiting making capacity,max 4 s, df 10% 30 a 15 a contact material agni 90/10, agni90/10 gold plated rated frequency of operation with / without load 6 / 1200 min -1 *) for full load current (16 a) the relay terminals 11-21, 12-22 and 14-24 have to be bridged. contact ratings for contact ratings see datasheet interface power relay rt coil data rated coil voltage range dc coil 24 vdc ac coil 24, 115, 230 vac operative range to iec 61810 2 coil versions, dc-coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ohm mw lc4 24 16.8 2.4 1440 + 10% 400 coil versions, ac-coil 50hz coil rated operate release coil rated coil code voltage voltage voltage resistance power 50 hz 50 hz 50 hz vac vac vac ohm va r24 24 18.0 3.6 350 + 10% 0.76 s15 115 86.3 17.3 8100 + 15% 0.76 t30 230 172.5 34.5 32500 + 15% 0.74 all figures are given for coil without preenergization, at ambient temperature +23c other coil voltages on request f0287-c
datasheet rev. ij1 issued 2009/10 www.tycoelectronics.com www.schrackrelays.com dimensions are in mm unless otherwise specified and are shown for reference purposes only. product specification according to iec 61810-1. product data, technical para - me ters, test conditions and processing information only to be used together with the 'definitions' section in the cat - alogue or at schrackrelays.com in the ?schrack? section. specifications subject to change. general purpose relays 2 schrack relay package rt (continued) insulation 1-pole 2-pole dielectric strength coil-contact circuit 5000 v rms open contact circuit 1000 v rms adjacent contact circuits 2500 v rms clearance / creepage coil-contact circuit w 10 / 10 mm material group of insulation parts iiia tracking index of relay base pti 250 v insulation to iec 60664-1 type of insulation coil-contact circuit reinforced open contact circuit micro disconnection adjacent contact circuits functional rated insulation voltage 250 v pollution degree, 3 2 rated voltage system 240 v 230 / 400 v overvoltage category iii other data mechanical endurance 1-pole 2-pole dc coil > 30 x 10 6 >30 x 10 6 ac coil > 10 x 10 6 >5 x 10 6 material rohs - directive 2002/95/ec compliant as per product date code 0535 environment ambient temperature range dc coil -20...+85c ac coil -20...+70c processing terminals screw terminal screw torque acc. iec 61984 0.5 nm max. 0.7 nm wire cross section single wire 2 x 2.5 mm 2 fine wire 2 x 2.5 mm 2 with bootlace crimp (din 46228/1) 2 x 1.5 mm 2 insertion cycles a (10) max. insertion force total 100 n mounting distance w 0, dense packing of sockets weight 54 g packaging unit 10 pcs s0430-c dimensions
datasheet rev. ij1 issued 2009/10 www.tycoelectronics.com www.schrackrelays.com dimensions are in mm unless otherwise specified and are shown for reference purposes only. product specification according to iec 61810-1. product data, technical para - me ters, test conditions and processing information only to be used together with the 'definitions' section in the cat - alogue or at schrackrelays.com in the ?schrack? section. specifications subject to change. general purpose relays schrack 3 relay package rt (continued) product key typical product key rt 4s 4 t30 type rt relay package rt version 3s relay set: rt 1-pole co (1 form c), 16 a, red led 4s relay set: rt 2-pole co (2 form c), 8 a, red led contact material 4 agni 90/10, co contact 5 agni 90/10 gold plated, co contact coil lc4 24 vdc r24 24 vac s15 115 vac t30 230 vac other types on request product key socket retainer marking tag module relay coil part number rt3s4lc4 rt78726 rt17017 rt17040 ptml0024 rt314024 24 vdc 4-1415073-1 rt3s4r24 ptml0524 rt314524 24 vac 5-1415073-1 rt3s4s15 ptml0730 rt314615 115 vac 5-1415528-1 rt3s4t30 ptml0730 rt314730 230 vac 6-1415073-1 rt3s5lc4 ptml0024 rt315024 24 vdc 7-1415073-1 rt3s5r24 ptml0524 rt315524 24 vac 8-1415073-1 rt3s5t30 ptml0730 rt315730 230 vac 9-1415073-1 rt4s4lc4 ptml0024 rt424024 24 vdc 1-1415073-1 rt4s4r24 ptml0524 rt424524 24 vac 2-1415073-1 rt4s4s15 ptml0730 rt424615 115 vac 8-1415532-1 rt4s4t30 ptml0730 rt424730 230 vac 3-1415073-1 rt4s5lc4 ptml0024 rt425024 24 vdc 1415074-1 rt4s5r24 ptml0524 rt425524 24 vac 1-1415074-1 rt4s5t30 ptml0730 rt425730 230 vac 2-1415074-1


▲Up To Search▲   

 
Price & Availability of 2-1415074-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X